Part Number Hot Search : 
AXIS45 LTM4604 SM540ZT ST62T10C CDRH4D S08RP AH188410 020A9A
Product Description
Full Text Search
 

To Download DTA124EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Digital transistors (built-in resistors)
* Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thinfilm resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/ off conditions need to be set for operation, making device design easy. * Structure PNP digital transistor (Built-in resistors type) *Equivalent circuit
DTA124EKA DTA124ECA
IN
R1 R2
OUT
GND(+) IN OUT GND(+)
2.9 + 0.2 1.9+ 0.2 0.95+0.95 (1) (2)
2.8+ 0.2
+ 0.2 - 0.1
1.1 -
+ 0.2 0.1
2.9 + 0.2 1.9+ 0.2 0.95+ 0.95 (1) 0 ~ 0.1 (2)
2.4+ 0.2
+ 0.2 - 0.1
0.95
+ 0.2 - 0.1
0.8 + 0.1
0.45 + 0.1
0 ~ 0.1
1.6
(3)
0.3 ~ 0.6
(3) 0.15
+ 0.1 - 0.06
1.3
0.2Min
+ 0.1 - 0.05
0.4
+ 0.1 - 0.05
(1) GND (2) IN (3) OUT
0.4
0.15 -
+ 0.1 0.06
(1) GND (2) IN (3) OUT
All terminals have same dimensions
All terminals have same dimensions
DTA124EKA EIAJ: SC-- 59
DTA124ECA
EIAJ: SOT-- 23
*
Absolute maximum ratings(Ta=25 C)
limits symbol V cc V IN IO I C(Max.) Pd Tj T stg (DTA124EKA DTA124ECA ) -50 -40~+10 -30 -100 200 150 -55~+150 unit V V mA mW C C
Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature
P7-1/2
LESHAN RADIO COMPANY, LTD.
DTA124EKA DTA124ECA
* Elecrical characteristics(T =25C)
a
Parameter Input voltage Output Voltage Input current Output current
symbol V
I(off)
Min. -- -3 -- -- -- 56 15.4 0.8 --
Typ. -- -- -0.1 -- -- -- 22 1 250
Max. -0.5 -- -0.3 -0.36 -0.5 -- 28.6 1.2 --
Unit V V mA
Conditions VCC=- 5V,IO=-100A VO= - 0.2V,IO= -5mA IO/II= -10mA/-0.5mA VI= - 5V VCC=- 50V,VI= 0 V VO= - 5V,IO=- 5mA -- -- VCE= -10V,IE= 5 mA,f=100MHz*
V I(on) V O(on) II I O(off)
A
-- K -- MHz
DC current gain GI Input resistance R1 Resistance ratio R 2/ R 1 Transition frequency fT *Transition frequency of the device
ELECTRICAL CHARACTERISTIC CURVES
-100 -50 -10m -5m
V O = - 0.3V
V
CC
=-5V
INPUT VOLTAGE: V I(on) ( V )
-20 -10 -5 -2
OUTPUT CURRENT: I O ( A )
-2m -1m -500 -200 -100 -50 -20 -10 -5 -2 -1 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0
T A = 100C 25C -40C
T A = -40C 25C 100C
-1 -0.5 -0.2
-0.1 -100-200 -500 -1m -2m -5m -10m -20m -50m -100m
OUTPUT CURRENT: I O (A)
INPUT VOLTAGE: V I(ON) (V)
Figure 1. Input voltage vs.output current (ON characteristics)
Figure 2. Output current vs.input voltage (OFF characteristics)
-1
1K 500 200
V O= - 5 V
-0.5
I O / I I = 20 T A = 100C 25C -40C
OUTPUT VOLTAGE: V O(on) ( V )
T A = 100C 25C -40C
-0.2
DC CURRENT GAIN: G I
100 50 20
-0.1 -0.05 -0.02
10 5 2 1 -100-200 -500 -1m -2m -5m -10m -20m -50m -100m
-0.01 -.005 -.002
-.001 -100-200 -500 -1m -2m -5m -10m -20m -50m -100m
OUTPUT CURRENT: I O (A)
OUTPUT CURRENT: I O (A)
Figure 3. DC current gain vs.output current
Figure 4. Output voltage vs.output current
P7-2/2


▲Up To Search▲   

 
Price & Availability of DTA124EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X